|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2N3859A 2N3859A NPN General Purpose Amplifier * This device designed for use as general purpose amplifier and switches requiring collector currents to 300mA. * Sourced from Process 10. * See PN100 for characteristics. 1 TO-92 1. Emitter 2. Collector 3. Base NPN Epitaxial Silicon Transistor Absolute Maximum Ratings* Ta=25C unless otherwise noted Symbol VCEO VCBO VEBO IC TJ, TST Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Operating and Storage Junction Temperature Range Value 60 60 6.0 500 -55 ~ +150 Units V V V mA C * These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations. Electrical Characteristics Ta=25C unless otherwise noted Symbol Off Characteristics BV(BR)CEO BV(BR)CBO BV(BR)EBO ICBO IEBO hFE Parameter Test Condition IC = 1.0mA, IB = 0 IC = 100A, IE = 0 IE = 100A, IC = 0 VCB = 18V, IE = 0 VEB = 4.0V, IC = 0 VCE= 1.0V, IC = 1.0mA VCE= 1.0V, IC = 1.0mA VCB = 10V, f = 1.0MHz IC = 2.0mA, VCE = 10V VCE = 10V, IC = 2.0mA f = 31.9MHz 90 75 100 Min. 60 60 6.0 0.5 0.5 Typ. Max. Units V V V A A Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain On Characteristics * 200 4 250 150 pF MHz pS Small Signal Characteristics Cob fT rb'Cc Current Gain Bandwidth Product Output Capacitance Collector-Base Time Constant * Pulse Test: Pulse 300s, Duty Cycle 2.0% Thermal Characteristics TA=25C unless otherwise noted Symbol PD RJC RJA Parameter Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Max. 625 5.0 83.3 200 Units mW mW/C C/W C/W (c)2002 Fairchild Semiconductor Corporation Rev. B, July 2002 2N3859A Package Dimensions TO-92 4.58 -0.15 +0.25 0.46 14.47 0.40 0.10 4.58 0.20 1.27TYP [1.27 0.20] 3.60 0.20 1.27TYP [1.27 0.20] 0.38 -0.05 +0.10 3.86MAX 1.02 0.10 0.38 -0.05 +0.10 (R2.29) (0.25) Dimensions in Millimeters (c)2002 Fairchild Semiconductor Corporation Rev. B, July 2002 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx ActiveArray Bottomless CoolFET CROSSVOLT DOME EcoSPARK E2CMOSTM EnSignaTM FACT FACT Quiet Series FASTa FASTr FRFET GlobalOptoisolator GTO HiSeC I2C Across the board. Around the world. The Power Franchise DISCLAIMER ImpliedDisconnect PACMAN POP ISOPLANAR Power247 LittleFET PowerTrencha MicroFET QFET MicroPak QS MICROWIRE QT Optoelectronics MSX Quiet Series MSXPro RapidConfigure OCX RapidConnect OCXPro SILENT SWITCHERa OPTOLOGICa SMART START OPTOPLANAR SPM Stealth SuperSOT-3 SuperSOT-6 SuperSOT-8 SyncFET TinyLogic TruTranslation UHC UltraFETa VCX FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILDS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production Rev. I |
Price & Availability of 2N3859A02 |